PART |
Description |
Maker |
M27V320-150N6 M27V320 M27V320-100M1 M27V320-100M6 |
2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 32兆位4Mb的x8或检察官办公室的2Mb x16存储 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 32 Mbit 4Mb x8 or 2Mb x16 OTP EPROM 32 MBIT (4MB X8 OR 2MB X16) OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29W320DB |
32 MBIT (4MB X8 OR 2MB X16 BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M58LW032D90N1 M58LW032D110N1 M58LW032D110N1F M58LW |
32 Mbit 4Mb x8 / 2Mb x16 / Uniform Block 3V Supply Flash Memory 32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
|
ST Microelectronics
|
M29DW324DB70N6E M29DW324DB70N1 M29DW324DB90N1 M29D |
32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
|
Numonyx B.V
|
M29DW323DB |
32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
|
Numonyx B.V
|
M29DW324DB70N6E M29DW324DB70ZE6E M29DW324DT70N6 M2 |
32 MBIT (4MB X8 OR 2MB X16, DUAL BANK 16:16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M36DR232A M36DR232BZA M36DR232AZA |
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product 32兆位Mb x16插槽,双行,页闪存和2兆位128K的x16的SRAM,多个存储产
|
STMicroelectronics N.V. http://
|
M36W432BG M36W432BG70ZA1T M36W432BG70ZA6T M36W432B |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M36W432TG70ZA1T M36W432TG85ZA6T M36W432TG-ZAT M36W |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
意法半导
|
M36WT8B10ZA6T M36WT8B70ZA6T M36WT864T70ZA6T M36WT8 |
HEATSHRINK BLACK 4IN X 50FT 64兆位4Mb的x16插槽,多银行,突发闪存和8兆位的SRAM12k x16,内存产品多 64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product 64兆位4Mb的x16插槽,多银行,突发闪存和8兆位的SRAM12k x16,内存产品多
|
STMicroelectronics N.V. 意法半导
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|